Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 447 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 447 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 443Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 444Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 445Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 446Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 447Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 448Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 449Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 450Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 451Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 447 / 1302 page
background image
Functional Description
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
Freescale Semiconductor
10-43
10.4 Functional Description
This section is a functional description of the PIC.
10.4.1 Flow of Interrupt Control
Figure 10-37 is a block diagram of the PIC unit showing the flow of interrupt processing. This
figure is intended to aid in understanding and does not fully represent all internal circuitry of the
actual implementation. The PIC receives interrupt signals from both external and internal sources.
These signals are qualified and latched in the interrupt pending register (IPR). The IPR feeds the
interrupt selector (IS). The interrupt router of the PIC monitors the outputs of its internal interrupt
request register (IRR) and other configuration registers. When the priority of the interrupt latched
in the IRR is higher than the value in the processor’s task priority register, the interrupt router
asserts the internal interrupt signal (int) to indicate an interrupt request to the processor. This
causes the processor to vector to the external interrupt handler.
Note that the IPR, IS, and IRR are internal registers that are not accessible to the programmer.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com