Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 451 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 451 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 447Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 448Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 449Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 450Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 451Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 452Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 453Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 454Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 455Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 451 / 1302 page
background image
Functional Description
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
Freescale Semiconductor
10-47
In all cases, a spurious vector is not returned if another pending interrupt has sufficient priority to
interrupt the processor. If such an interrupt is available, the vector for that source is returned. The
EOI register should not be written in response to the spurious vector. Otherwise, a
previously-accepted interrupt might be cleared unintentionally.
10.4.5 Messaging Interrupts
There are four 32-bit message registers that can be used to send 32-bit messages to the processor.
A messaging interrupt is generated by writing a message register if the corresponding enable bit
in the message enable/status register is set, and the interrupt is not masked. Reading the message
register or writing a 1 to the status bit clears the interrupt.
10.4.6 Global Timers
There are appropriate clock prescalers and synchronizers to provide a time base for the four
internal timers of the PIC unit. The timers can be individually programmed to generate a processor
interrupt when they count down to zero and can be used to generate regular periodic interrupts.
Each timer has the following four configuration and control registers:
•
Global timer current count register (GTCCRn)
•
Global timer base count register (GTBCRn)
•
Global timer vector-priority register (GTVPRn)
•
Global timer destination register (GTDRn)
The timer frequency should be written to the TFRR. (All of the timers operate at this frequency.)
Refer to Section 10.3.2.1, “Timer Frequency Reporting Register (TFRR),” for a description of this
register.
Timer interrupts are all edge-triggered interrupts. If a timer period expires while a previous
interrupt from the same source is pending or in-service, the subsequent interrupt is lost.
The timer control register (TCR) provides users with the ability to create timers larger than the
31-bit global timers. The option also exists to change the timer frequency by setting the
appropriate fields of the TCR. See Section 10.3.2.6, “Timer Control Register (TCR).”
10.4.7 Reset of the PIC
The PIC unit is reset by a device power-on reset (POR) or by software that sets the GCR[RST] bit.
Both of these actions cause the following:
•
All pending and in-service interrupts are cleared.
•
All interrupt mask bits are set.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com