Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 452 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 452 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 448Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 449Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 450Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 451Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 452Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 453Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 454Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 455Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 456Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 452 / 1302 page
background image
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
10-48
Freescale Semiconductor
Programmable Interrupt Controller
•
Polarity, sense, external pin, critical interrupt, and activity fields are reset to their default
values.
•
PIR, TFRR, TCR, MER, MSR, and MSGR0–3 are cleared.
•
MSG and timer destination fields are set.
•
The IPI dispatch registers are cleared.
•
All timer base count values are reset to zero and count inhibited.
•
The CTPR[TASKP] is reset to 0xF, thus disabling interrupt delivery to the processor.
•
The spurious interrupt vector resets to 0xFFFF.
•
The PMMRs are reset to 0xFFFF.
•
The PIC defaults to the pass-through mode (GCR[M] = 0).
•
All other registers remain at their pre-reset programmed values.
The GCR[RST] bit is automatically cleared when the reset sequence is complete.
10.5 Initialization/Application Information
This section contains initialization and application information for the PIC.
10.5.1 Programming Guidelines
The following subsections contain information about programming PIC registers.
10.5.1.1 PIC Registers
Most PIC control and status registers are readable and return the last value written. The exceptions
to this rule are as follows:
•
IPI dispatch registers and the EOI register, which return zeros on reads.
•
Activity bit (A) of the vector/priority registers, which returns the value according to the
status of the current interrupt source.
•
IACK register, which returns the vector of highest priority which is currently pending, or
the spurious vector.
•
Reserved fields always return 0.
The following guidelines are recommended when the PIC unit is programmed in mixed mode
(GCR[M] = 1):
•
All PIC registers must be located in a cache-inhibited and guarded area (through the
processor MMU).
•
The PIC portion of the address map must be set-up appropriately.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com