Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 456 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 456 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 452Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 453Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 454Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 455Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 456Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 457Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 458Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 459Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 460Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 456 / 1302 page
background image
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
11-2
Freescale Semiconductor
I2C Interface
11.1.1 Overview
The two-wire I
2C bus minimizes interconnections between devices. The synchronous,
multiple-master I2C bus allows the connection of additional devices to the bus for expansion and
system development. The bus includes collision detection and arbitration that prevent data
corruption if two or more masters attempt to control the bus simultaneously.
11.1.2
Features
The I
2C interface includes the following features:
•
Two-wire interface
•
Multiple-master operation
•
Arbitration lost interrupt with automatic mode switching from master to slave
•
Calling address identification interrupt
•
START and STOP signal generation/detection
•
Acknowledge bit generation/detection
•
Bus busy detection
•
Software-programmable clock frequency
•
Software-selectable acknowledge bit
•
On-chip filtering for spikes on the bus
11.1.3
Modes of Operation
The I
2C unit on this device can operate in one of the following modes:
•
Master mode—The I
2C is the driver of the SDA line. It cannot use its own slave address as
a calling address. The I
2C cannot be a master and a slave simultaneously.
•
Slave mode—The I
2C is not the driver of the SDA line. The module must be enabled before
a START condition from a non-I2C master is detected.
•
Interrupt-driven byte-to-byte data transfer—When successful slave addressing is achieved
(and SCL returns to zero), the data transfer can proceed on a byte-to-byte basis in the
direction specified by the R/W bit sent by the calling master. Each byte of data must be
followed by an acknowledge bit, which is signalled from the receiving device. Several
bytes can be transferred during a data transfer session.
•
Boot sequencer mode—This mode can be used to initialize the configuration registers in
the device after the I
2C module is initialized. Note that the MPC8540 powers up with boot
sequencer mode disabled as a default, but this mode can be selected with the
cfg_boot_seq[0:1] power-on reset (POR) configuration signals that are located on the
LGPL3 and LGPL5 signals.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com