Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 457 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 457 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 453Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 454Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 455Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 456Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 457Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 458Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 459Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 460Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 461Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 457 / 1302 page
background image
External Signal Descriptions
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
Freescale Semiconductor
11-3
Additionally, the following three I
2C-specific states are defined for the I2C interface:
•
START condition—This condition denotes the beginning of a new data transfer (each data
transfer contains several bytes of data) and awakens all slaves.
•
Repeated START condition—A START condition that is generated without a STOP
condition to terminate the previous transfer.
•
STOP condition—The master can terminate the transfer by generating a STOP condition to
free the bus.
11.2 External Signal Descriptions
The following sections give an overview of signals and provide detailed signal descriptions.
11.2.1
Signal Overview
The I2C interface uses the SDA and SCL signals, described in Table 11-1, for data transfer. All
devices connected to these two signals must have open-drain or open-collector outputs. A logical
AND function is performed on both signals with external pull-up resistors. Note that the signal
patterns driven on SDA represent address, data, or read/write information at different stages of the
protocol.
11.2.2
Detailed Signal Descriptions
SDA and SCL, described in Table 11-2, serve as a communication interconnect with other devices.
All devices connected to these two signals must have open-drain or open-collector outputs. The
logic AND function is performed on both of these signals with external pull-up resistors. Refer to
the MPC8540 Integrated Host Processor Hardware Specifications for the electrical characteristics
of these signals.
Table 11-1. I2C Interface Signal Description
Signal Name Idle State I/O
State Meaning
Serial Clock
(SCL)
HIGH
I
When the I2C module is idle or acts as a slave, SCL defaults as an input. The unit uses
SCL to synchronize incoming data on SDA. The bus is assumed to be busy when SCL
is detected low.
O
As a master, the I2C module drives SCL along with SDA when transmitting. As a slave,
the I2C module drives SCL low for data pacing.
Serial Data
(SDA)
HIGH
I
When the I2C module is idle or in a receiving mode, SDA defaults as an input. The unit
receives data from other
I2C devices on SDA. The bus is assumed to be busy when
SDA is detected low.
O
When writing as a master or slave, the I2C module drives data on SDA synchronous
to SCL.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com