Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 461 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 461 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 457Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 458Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 459Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 460Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 461Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 462Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 463Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 464Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 465Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 461 / 1302 page
background image
Memory Map/Register Definition
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
Freescale Semiconductor
11-7
Table 11-6 describes the bit settings of the I2CCR
.
11.3.1.4
I2C Status Register (I2CSR)
The status register, shown in Figure 11-5, is read only with the exception of the MIF and MAL
bits, which can be cleared by software. The MCF and RXAK bits are set at reset; all other I2CSR
bits are cleared on reset.
Table 11-6. I2CCR Field Descriptions
Bits Name
Description
0
MEN
Module enable. This bit controls the software reset of the I2C module.
0 The module is reset and disabled. When low, the interface is held in reset but the registers can still be
accessed.
1The I2C module is enabled. This bit must be set before any other control register bits have any effect.
All I2C registers for slave receive or master START can be initialized before setting this bit.
1
MIEN Module interrupt enable
0 Interrupts from the I2C module are disabled. This does not clear any pending interrupt conditions.
1 Interrupts from the I2C module are enabled. An interrupt occurs provided I2CSR[MIF] is also set.
2
MSTA Master/slave mode START
0 When this bit is changed from one to zero, a STOP condition is generated and the mode changes from
master to slave.
1 Cleared without generating a STOP condition when the master loses arbitration. When this bit is
changed from zero to one, a START condition is generated on the bus, and master mode is selected.
3
MTX
Transmit/receive mode select. This bit selects the direction of the master and slave transfers. When
configured as a slave, this bit should be set by software according to I2CSR[SRW]. In master mode, the
bit should be set according to the type of transfer required. Therefore, for address cycles, this bit will
always be high. The MTX bit is cleared when the master loses arbitration.
0 Receive mode
1 Transmit mode
4
TXAK Transfer acknowledge. This bit specifies the value driven onto the SDA line during acknowledge cycles
for both master and slave receivers. The value of this bit only applies when the I2C module is configured
as a receiver, not a transmitter. It also does not apply to address cycles; when the device is addressed as
a slave, an acknowledge is always sent.
0 An acknowledge signal (low value on SDA) is sent out to the bus at the 9th clock bit after receiving one
byte of data.
1 No acknowledge signal response (high value on SDA) is sent.
5
RSTA Repeat START. Setting this bit always generates a repeated START condition on the bus, provides the
device with the current bus master. Attempting a repeated START at the wrong time (or if the bus is owned
by another master), results in loss of arbitration. Note that this bit is not readable, which means if a read
is performed to I2CCR[RSTA], a zero value will be returned.
0
No START condition is generated
1 Generates repeat START condition
6—
Reserved
7
BCST Broadcast
0 Disables the broadcast accept capability
1 Enables the I2C to accept broadcast messages at address zero



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com