Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 462 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 462 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 458Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 459Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 460Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 461Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 462Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 463Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 464Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 465Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 466Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 462 / 1302 page
background image
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
11-8
Freescale Semiconductor
I2C Interface
Figure 11-5. I2C Status Register (I2CSR)
Table 11-7 describes the bit settings of the I2CSR.
0
123
456
7
R
MCF
MAAS
MBB
MAL
BCSTM
SRW
MIF
RXAK
W
Reset
1000_0001
Offset
0x0_300C
Table 11-7. I2CSR Field Descriptions
Bits
Name
Description
0
MCF
Data transfer. When one byte of data is transferred, the bit is cleared. It is set by the falling edge of the
9th clock of a byte transfer.
0 Byte transfer in progress. MCF is cleared under the following conditions:
•When I2CSR is read in receive mode or
•When I2CDR is written in transmit mode
1 Byte transfer is completed
1
MAAS
Addressed as a slave. When the value in I2CDR matches with the calling address, this bit is set. The
processor is interrupted, if I2CCR[MIEN] is set. Next, the processor must check the SRW bit and set
I2CCR[MTX] accordingly. Writing to the I2CCR automatically clears this bit.
0 Not addressed as a slave
1 Addressed as a slave
2
MBB
Bus busy. Indicates the status of the bus. When a START condition is detected, MBB is set. If a STOP
condition is detected, it is cleared.
0I2C bus is idle
1I2C bus is busy
3
MAL
Arbitration lost. Automatically set when the arbitration procedure is lost. Note that the device does not
automatically retry a failed transfer attempt.
0 Arbitration is not lost. Can only be cleared by software
1 Arbitration is lost
4
BCSTM Broadcast match
0 There has not been a broadcast match.
1 The calling address matches with the broadcast address instead of the programmed slave address.
This will also be set if this I2C drives an address of all 0s and broadcast mode is enabled.
5
SRW
Slave read/write. When MAAS is set, SRW indicates the value of the R/W command bit of the calling
address, which is sent from the master.
0 Slave receive, master writing to slave
1 Slave transmit, master reading from slave. This bit is valid only when both of the following conditions
are true:
•A complete transfer occurred and no other transfers have been initiated.
•The I2C interface is configured as a slave and has an address match.
By checking this bit, the processor can select slave transmit/receive mode according to the command
of the master.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com