Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 466 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 466 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 462Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 463Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 464Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 465Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 466Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 467Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 468Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 469Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 470Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 466 / 1302 page
background image
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
11-12
Freescale Semiconductor
I2C Interface
The I
2C module responds to a general call (broadcast) command when I2CCR[BCST] is set. A
broadcast address is always zero; however the I
2C module will not check the R/W bit. The second
byte of the broadcast message is the master address. Because the second byte is automatically
acknowledged by hardware, the receiver device software must verify that the broadcast message
is intended for itself by reading the second byte of the message. If the master address is for another
receiver device and the third byte is a write command, software can ignore the third byte during
the broadcast. If the master address is for another receiver device and the third byte is a read
command, software must write 0xFF to I2CDR with I2CCR[TXAK] = 1, so that it does not
interfere with the data written from the addressed device.
Each data byte is 8 bits long. Data bits can be changed only while SCL is low and must be held
stable while SCL is high, as shown in Figure 11-8. There is one clock pulse on SCL for each data
bit, and the most significant bit (msb) is transmitted first. Each byte of data must be followed by
an acknowledge bit, which is signaled from the receiving device by pulling the SDA line low at
the 9th clock. Therefore, one complete data byte transfer takes 9 clock pulses. Several bytes can
be transferred during a data transfer session.
If the slave receiver does not acknowledge the master, the SDA line must be left high by the slave.
The master can then generate a stop condition to abort the data transfer or a START condition
(repeated START) to begin a new calling.
If the master receiver does not acknowledge the slave transmitter after a byte of transmission, the
slave interprets that the end-of-data has been reached. Then the slave releases the SDA line for the
master to generate a STOP or a START condition.
11.4.1.3
Repeated START Condition
Figure 11-8 shows a repeated START condition, which is generated without a STOP condition that
can terminate the previous transfer. The master uses this method to communicate with another
slave or with the same slave in a different mode (transmit/receive mode) without releasing the bus.
11.4.1.4
STOP Condition
The master can terminate the transfer by generating a STOP condition to free the bus. A STOP
condition is defined as a low-to-high transition of the SDA signal while SCL is high. For more
information, see Figure 11-8. Note that a master can generate a STOP even if the slave has
transmitted an acknowledge bit, at which point the slave must release the bus. The STOP condition
is initiated by a software write that clears I2CCR[MSTA].
As described in Section 11.4.1.3, “Repeated START Condition,” the master can generate a START
condition followed by a calling address without generating a STOP condition for the previous
transfer. This is called a repeated START condition.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com