Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 469 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 469 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 465Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 466Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 467Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 468Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 469Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 470Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 471Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 472Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 473Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 469 / 1302 page
background image
Functional Description
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
Freescale Semiconductor
11-15
If the I
2C module is enabled in the middle of an ongoing byte transfer, the interface behaves as
follows:
•
Slave mode—The I
2C module ignores the current transfer on the bus and starts operating
whenever a subsequent START condition is detected.
•
Master mode—The I
2C module cannot tell whether the bus is busy; therefore, if a START
condition is initiated, the current bus cycle can be corrupted. This ultimately results in the
current bus master of the I
2C interface losing arbitration, after which bus operations return
to normal.
11.4.2.1
Arbitration Control
The arbitration control block controls the arbitration procedure of the master mode. A loss of
arbitration occurs whenever the master detects a 0 on the external SDA line while attempting to
drive a 1, tries to generate a START or restart at an inappropriate time, or detects an unexpected
STOP request on the line.
In master mode, arbitration by the master is lost (and I2CSR[MAL] is set) under the following
conditions:
•
SDA samples low when the master drives high during an address or data-transmit cycle
(transmit).
•
SDA samples low when the master drives high during a data-receive cycle of the
acknowledge (Ack) bit (receive).
•
A START condition is attempted when the bus is busy.
•
A repeated START condition is requested in slave mode.
•
A start condition is attempted when the requesting device is not the bus owner
•
Unexpected STOP condition detected
Note that the I2C module does not automatically retry a failed transfer attempt.
11.4.3
Handshaking
The clock synchronization mechanism can be used as a handshake in data transfer. Slave devices can
hold SCL low after completion of a 1-byte transfer (9 bits). In such cases, it halts the bus clock and
forces the master clock into wait states until the slave releases the SCL line.
11.4.4
Clock Control
The clock control block handles requests from the clock signal for transferring and controlling data
for multiple tasks.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com