Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 471 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 471 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 467Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 468Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 469Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 470Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 471Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 472Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 473Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 474Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 475Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 471 / 1302 page
background image
Functional Description
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
Freescale Semiconductor
11-17
The sampling rate is equal to a binary value stored in the frequency register I2CDFSRR. The
duration of the sampling cycle is controlled by a down counter. This allows a software write to the
frequency register to control the filtered sampling rate.
11.4.4.3
Clock Stretching
Slaves can use the clock synchronization mechanism to slow down the transfer bit rate. After the
master has driven the SCL line low, the slave can drive SCL low for the required period and then
release it. If the slave SCL low period is greater than the master SCL low period, then the resulting
SCL bus signal low period is stretched.
11.4.5
Boot Sequencer Mode
If boot sequencer mode is selected on POR (by the settings on the LGPL3 and LGPL5 reset
configuration signals, as described in Section 4.4.3.6, “Boot Sequencer Configuration”), the I2C
module communicates with one or more EEPROMs through the I
2C interface. The EEPROM(s)
can be programmed to initialize one or more configuration registers of this integrated device.
The boot sequencer mode also supports an extension of the standard I
2C interface that uses more
address bits to allow for EEPROM devices that have more than 256 bytes, and this extended
addressing mode is selectable during POR with a different encoding on the LGPL3 and LGPL5
reset configuration signals (see Section 4.4.3.6, “Boot Sequencer Configuration”). In this mode,
only one EEPROM device may be used, and the maximum number of registers is limited by the
size of the EEPROM.
If the standard I2C interface is used, the I2C module addresses the first EEPROM, and reads
256 bytes. Then it issues a repeated start and addresses the next EEPROM address. This sequence
continues until the CONT bit is cleared. If the last register is not detected before wrapping back to
the first address, an error condition is detected. In other words, if the CONT bit for not cleared on
the final 7 bytes, an error condition is detected, causing the device to hang and the HRESET_REQ
signal to assert externally. The I
2C module continues to read from the EEPROM as long as the
continue (CONT) bit is set in the EEPROM. The CONT bit resides in the address/attributes field
that is transferred from the EEPROM, as described in Section 11.4.5.1, “EEPROM Calling
Address.” There should be no other I2C traffic when the boot sequencer is active.
Note that as described in Section 4.4.3.6, “Boot Sequencer Configuration,” the default value for
the LGPL3 and LGPL5 reset configuration pins is 0b11, which corresponds to the I
2C boot
sequencer being disabled at power-up.
11.4.5.1
EEPROM Calling Address
The MPC8540 uses 0b101_0000 for the EEPROM calling address. The first EEPROM to be
addressed must be programmed to respond to this address, or an error is generated. If more
EEPROMs are used, they are addressed in sequential order.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com