Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 468 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 468 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 464Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 465Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 466Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 467Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 468Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 469Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 470Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 471Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 472Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 468 / 1302 page
background image
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
11-14
Freescale Semiconductor
I2C Interface
The SCL signal corresponds to the internal SCL signal when one or more of the following
conditions are true in either master or slave mode:
•
Master mode
— Bus owner
— Lost arbitration
— START condition
— STOP condition
— Restart condition begin
— Restart condition end
•
Slave mode
— Address cycle
— Transmit cycle
— Ack cycle
11.4.1.6
Address Compare—Implementation Details
Address compare block determines if a slave has been properly addressed, either by its slave
address or by the general broadcast address (which addresses all slaves). The three performed
address comparisons are described as follows:
•
Whether a broadcast message has been received, to update the I2CSR
•
Whether the module has been addressed as a slave, to update the I2CSR and to generate an
interrupt
•
If the address transmitted by the current master matches the general broadcast address
11.4.2
Arbitration Procedure
The I
2C interface is a true multiple-master bus that allows more than one master device to be
connected on it. If two or more masters simultaneously try to control the bus, each master’s clock
synchronization procedure (including the I
2C module) determines the bus clock—the low period
is equal to the longest clock low period and the high is equal to the shortest one among the masters.
A bus master loses arbitration if it transmits a logic 1 on SDA while another master transmits a
logic 0. The losing masters immediately switch to slave-receive mode and stop driving the SDA
line. In this case, the transition from master to slave mode does not generate a STOP condition.
Meanwhile, the I
2C unit sets the I2CSR[MAL] status bit to indicate the loss of arbitration and, as
a slave, services the transaction if it is directed to itself.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com