Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 470 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 470 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 466Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 467Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 468Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 469Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 470Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 471Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 472Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 473Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 474Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 470 / 1302 page
background image
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
11-16
Freescale Semiconductor
I2C Interface
A 9-cycle data transfer clock is requested for the following conditions:
•
Master mode
— Transmit slave address after START condition
— Transmit slave address after restart condition
— Transmit data
— Receive data
•
Slave mode
— Transmit data
— Receive data
— Receive slave address after START or restart condition
11.4.4.1
Clock Synchronization
Due to the wire AND logic on the SCL line, a high-to-low transition on the SCL line affects all
devices connected on the bus. The devices begin counting their low period when the master drives
the SCL line low. After a device has driven SCL low, it holds the SCL line low until the clock high
state is reached. However, the change of low-to-high in a device clock may not change the state of
the SCL line if another device is still within its low period. Therefore, the synchronized clock
signal, SCL, is held low by the device with the longest low period. Devices with shorter low
periods enter a high wait state during this time. When all devices concerned have counted off their
low period, the synchronized SCL line is released and pulled high. Then there is no difference
between the devices’ clocks and the state of the SCL line, and all the devices begin counting their
high periods. The first device to complete its high period pulls the SCL line low again.
11.4.4.2
Input Synchronization and Digital Filter
The following sections describes the synchronizing of the input signals, and the filtering of the
SCL and SDA lines in detail.
11.4.4.2.1 Input Signal Synchronization
The input synchronization block synchronizes the input SCL and SDA signals to the system clock
and detects transitions of these signals.
11.4.4.2.2 Filtering of SCL and SDA Lines
The SCL and SDA inputs are filtered to eliminate noise. Three consecutive samples of the SCL
and SDA lines are compared to a pre-determined sampling rate. If they are all high, the output of
the filter is high. If they are all low, the output is low. If they are any combination of highs and
lows, the output is whatever the value of the line was in the previous clock cycle.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com