Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 467 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 467 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 463Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 464Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 465Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 466Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 467Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 468Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 469Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 470Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 471Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 467 / 1302 page
background image
Functional Description
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
Freescale Semiconductor
11-13
11.4.1.5
Protocol Implementation Details
The following sections give details of how aspects of the protocol are implemented in this I
2C
module.
11.4.1.5.1 Transaction Monitoring—Implementation Details
The different conditions of the I2C data transfers are monitored as follows:
•
START conditions are detected when an SDA fall occurs while SCL is high.
•
STOP conditions are detected when an SDA rise occurs while SCL is high.
•
Data transfers in progress are canceled when a STOP condition is detected or if there is a slave
address mismatch. Cancellation of data transactions resets the clock module.
•
The bus is detected to be busy upon the detection of a START condition, and idle upon the
detection of a STOP condition.
11.4.1.5.2 Control Transfer—Implementation Details
The I2C module contains logic that controls the output to the serial data (SDA) and serial clock
(SCL) lines of the I
2C. The SCL output is pulled low as determined by the internal clock generated
in the clock module. The SDA output can only change at the midpoint of a low cycle of the SCL,
unless it is performing a START, STOP, or restart condition. Otherwise, the SDA output is held
constant.
The SDA signal is pulled low when one or more of the following conditions are true in either
master or slave mode:
•
Master mode
— Data bit (transmit)
— Ack bit (receive)
— START condition
— STOP condition
— Restart condition
•
Slave mode
— Acknowledging address match
— Data bit (transmit)
— Ack bit (receive)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com