Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 463 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 463 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 459Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 460Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 461Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 462Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 463Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 464Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 465Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 466Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 467Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 463 / 1302 page
background image
Memory Map/Register Definition
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
Freescale Semiconductor
11-9
11.3.1.5
I2C Data Register (I2CDR)
The I2C data register is shown in Figure 11-6.
Figure 11-6. I2C Data Register (I2CDR)
Table 11-8 shows the bit descriptions for I2CDR.
6
MIF
Module interrupt. The MIF bit is set when an interrupt is pending, causing a processor interrupt request
(provided I2CCR[MIEN] is set).
0 No interrupt is pending. Can be cleared only by software.
1 Interrupt is pending. MIF is set when one of the following events occurs:
•One byte of data is transferred (set at the falling edge of the 9th clock).
•The value in I2CADR matches with the calling address in slave-receive mode.
•Arbitration is lost.
7
RXAK
Received acknowledge. The value of SDA during the reception of acknowledge bit of a bus cycle. If the
received acknowledge bit (RXAK) is low, it indicates that an acknowledge signal has been received
after the completion of eight bits of data transmission on the bus. If RXAK is high, it means no
acknowledge signal has been detected at the 9th clock.
0 Acknowledge received
1 No acknowledge received
0
7
R
DATA
W
Reset
0000_0000
Offset
0x0_3010
Table 11-8. I2CDR Field Description
Bits
Name
Description
0–7
DATA
Transmission starts when an address and the R/W bit are written to the data register and the I2C
interface performs as the master. A data transfer is initiated when data is written to the I2CDR. The
most significant bit is sent first in both cases. In the master receive mode, reading the data register
allows the read to occur, but also allows the I2C module to receive the next byte of data on the I2C
interface. In slave mode, the same function is available after it is addressed. Note that the very first
read is always a dummy read.
Table 11-7. I2CSR Field Descriptions (continued)
Bits
Name
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com