Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 465 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 465 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 461Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 462Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 463Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 464Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 465Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 466Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 467Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 468Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 469Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 465 / 1302 page
background image
Functional Description
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
Freescale Semiconductor
11-11
Figure 11-8. I2C Interface Transaction Protocol
11.4.1.1
START Condition
When the I
2C bus is not engaged (both SDA and SCL lines are at logic high), a master can initiate
a transfer by sending a START condition. As shown in Figure 11-8, a START condition is defined
as a high-to-low transition of SDA while SCL is high. This condition denotes the beginning of a
new data transfer. Each data transfer can contain several bytes and awakens all slaves. The START
condition is initiated by a software write that sets I2CCR[MSTA].
11.4.1.2
Slave Address Transmission
The first byte of data is transferred by the master immediately after the START condition is the
slave address. This is a seven-bit calling address followed by a R/W bit, which indicates the
direction of the data being transferred to the slave. Each slave in the system has a unique address.
In addition, when the I
2C module is operating as a master, it must not transmit an address that is
the same as its slave address. An I2C device cannot be master and slave at the same time.
Only the slave with a calling address that matches the one transmitted by the master responds by
returning an acknowledge bit (pulling the SDA signal low at the 9th clock) as shown in
Figure 11-8. If no slave acknowledges the address, the master should generate a STOP condition
or a repeated START condition.
When slave addressing is successful (and SCL returns to zero), the data transfer can proceed on a
byte-to-byte basis in the direction specified by the R/W bit sent by the calling master.
1
2
3
4
567
8
9
1
2
3
4
567
8
9
A0
A1
A2
A3
A4
A5 A6 R/W
A0
A1
A2
A3
A4
A5 A6 R/W
D0 D1 D2 D3 D4 D5 D6
D7
XX
XX
SCL
SDA
START
STOP
No
ack
Read/
write
Calling address
Data byte
1
2
34
5
6
78
9
1
2
34
5
6
78
9
A0
A1
A2
A3 A4
A5 A6 R/W
SCL
SDA
START
STOP
Ack
No
ack
Read/
write
Calling address
New calling address
Repeat
START
Ack



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com