| Electronic Components Datasheet Search |
|
MPC8540 Datasheet(PDF) 458 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MPC8540 Datasheet(HTML) 458 Page - Freescale Semiconductor, Inc |
|
458 / 1302 page ![]() MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1 11-4 Freescale Semiconductor I2C Interface 11.3 Memory Map/Register Definition Table 11-3 lists the I 2C–specific registers and their addresses. 11.3.1 Register Descriptions This section describes the I 2C registers in detail. NOTE Reserved bits should always be written with the value they returned when read. That is, the register should be programmed by reading the value, modifying appropriate fields, and writing back the value. The return value of the reserved fields should not be assumed, even though the reserved fields return zero. This note does not apply to the I2C data register (I2CDR). Table 11-2. I2C Interface Signal—Detailed Signal Descriptions Signal I/O Description SCL I/O Serial clock. Performs as an input when the MPC8540 is programmed as an I2C slave. SCL also performs as an output when the MPC8540 is programmed as an I2C master. O As outputs for the bidirectional serial clock, these signals operate as described below. State Meaning Asserted/Negated—Driven along with SDA as the clock for the data. I As inputs for the bidirectional serial clock, these signals operate as described below. State Meaning Asserted/Negated—The I2C unit uses this signal to synchronize incoming data on SDA. The bus is assumed to be busy when this signal is detected low. SDA I/O Serial data. Performs as an input when the MPC8540 is in a receiving mode. SDA also performs as an output signal when the MPC8540 is transmitting (as an I2C master or a slave). O As outputs for the bidirectional serial data, these signals operate as described below. State Meaning Asserted/Negated— Data is driven. I As inputs for the bidirectional serial data, these signals operate as described below. State Meaning Asserted/Negated—Used to receive data from other devices. The bus is assumed to be busy when SDA is detected low. Table 11-3. I2C Memory Map Address I2C Register Access Reset Section/Page 0x0_3000 I2CADR—I2C address register R/W 0x00 11.3.1.1/11-5 0x0_3004 I2CFDR—I2C frequency divider register R/W 0x00 11.3.1.2/11-5 0x0_3008 I2CCR—I2C control register R/W 0x00 11.3.1.3/11-6 0x0_300C I2CSR—I2C status register R/W 0x81 11.3.1.4/11-7 0x0_3010 I2CDR—I2C data register R/W 0x00 11.3.1.5/11-9 0x0_3014 I2CDFSRR—I2C digital filter sampling rate register R/W 0x10 11.3.1.6/11-10 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |