Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 455 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 455 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 451Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 452Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 453Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 454Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 455Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 456Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 457Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 458Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 459Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 455 / 1302 page
background image
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
Freescale Semiconductor
11-1
Chapter 11
I2C Interface
This chapter describes the inter-IC (IIC or I2C) bus interface implemented on this device.
11.1 Introduction
The I
2C bus is a two-wire—serial data (SDA) and serial clock (SCL)— bidirectional serial bus
that provides a simple efficient method of data exchange between this device and other devices,
such as microcontrollers, EEPROMs, real-time clock devices, A/D converters, and LCDs.
Figure 11-1 shows a block diagram of the I
2C interface.
Figure 11-1. I2C Block Diagram
I2CADR
I2CFDR
I2CCR
I2CSR
I2CDR
Addr Decode
Data Mux
Address
Compare
Input Sync
In/Out Data
Shift Register
Clock
Control
SDA
Address and Control
Interrupt
Data
arb_lost
and
Digital Filter
START/
STOP/
Restart
and
Arbitration
Control
Divide
&
I2CDSRR
SCL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com