Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 454 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 454 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 450Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 451Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 452Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 453Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 454Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 455Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 456Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 457Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 458Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 454 / 1302 page
background image
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
10-50
Freescale Semiconductor
Programmable Interrupt Controller
10.5.1.2 Changing Interrupt Source Configuration
To change the vector, priority, polarity, sense or destination of an active (unmasked) interrupt
source, the following sequence should be performed:
1. Mask the source using the mask (MSK) bit in the vector/priority register.
2. Wait for the activity (A) bit for that source to be cleared.
3. Make the desired changes.
4. Unmask the source.
Internal Interrupts
L2 cache
e500 coherency model (ECM)
DDR DRAM
Local bus controller (LBC)
DMA channels 0–3
PCI/PCI-X
RapidIO inbound port write/ error interrupt
RapidIO doorbell inbound interrupt
RapidIO outbound message interrupt
RapidIO inbound message interrupt
TSEC 1/2 transmit interrupts
TSEC 1/2 receive interrupts
TSEC 1/2 receive/transmit error interrupts
Fast Ethernet controller (FEC)
DUART
I2C controller
Performance monitor interrupt
PIC
Global
Timer (4)
Inter-
Processor (4)
IRQ_OUT
IRQ[0:8]
DMA_DREQ3/IRQ9
DMA_DACK3/IRQ10
DMA_DDONE3/IRQ11
External
Interrupts
Global Utilities
cint
int
Wake up core/
interrupts
CKSTP_IN
CKSTP_OUT
HRESET
HRESET_REQ
SRESET
MCP
UDE
service interrupt
e500 Core
Timer
Facility
Watchdog
Timer
core_reset
PIR[P0]
PIC-defined
Messaging
(4)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com