Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 448 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 448 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 444Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 445Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 446Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 447Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 448Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 449Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 450Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 451Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 452Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 448 / 1302 page
background image
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
10-44
Freescale Semiconductor
Programmable Interrupt Controller
Figure 10-37. PIC Interrupt Processing Flow Diagram
The interrupt handler executing on the processor should then acknowledge the interrupt by
explicitly reading IACK (at which point the interrupt is considered to be in-service). The PIC unit
interprets this read as an interrupt acknowledge (IACK) cycle; in response, the PIC unit returns the
Interrupt Pending Register
Internal, External, and
Interrupt Selector
In-Service Register
int
IACK
EOI
cint
Mask
Critical Interrupt xIDR[CI]
External Pin xIDR[EP]
IRQ_OUT
Global Timers
(4)
Inter-Processor
Message Interrupts
(IS)
To Processor Core
Note: All signal lines represent buses except for int, cint, and IRQ_OUT.
The behavior of the PIC unit is not defined if both the EP and CI bits of the same interrupt
destination register are set.
Interrupt Router
To Processor Core
End of Interrupt
Register
Highest Priority
Interrupt
(ISR)
Processor’s Task Priority
Register
Interrupt Request Register
Pipeline Latch
(IRR)
Activity Bit
(IPR)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com