Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 413 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 413 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 409Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 410Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 411Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 412Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 413Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 414Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 415Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 416Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 417Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 413 / 1302 page
background image
Memory Map/Register Definition
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
Freescale Semiconductor
10-9
10.3 Memory Map/Register Definition
The PIC programmable register map occupies 256 Kbytes of memory-mapped space. Reading
undefined portions of the memory map returns all zeros; writing has no effect.
All PIC registers are 32 bits wide and, although located on 128-bit address boundaries, should only
be accessed as 32-bit quantities.
IRQ_OUT
O Interrupt request out. Active-low, open drain. When the PIC is programmed in pass-through mode, this
output reflects the raw interrupts generated by on-chip sources. See Section 10.1.4, “Modes of
Operation,” for more details.
State
Meaning
Asserted—At least one interrupt is currently being signalled to the external system.
Negated—Indicates no interrupt source currently routed to IRQ_OUT.
Timing Because external interrupts are asynchronous with respect to the system clock, both
assertion and negation of IRQ_OUT occurs asynchronously with respect to the interrupt
source. All timing given here is approximate.
Assertion—Internal interrupt source: 2 CCB clock cycles after interrupt occurs.
External interrupt source: 4 cycles after interrupt occurs.
Message interrupts: 2 cycles after write to message register.
Negation—Follows interrupt source negation with the following delay:
Internal interrupt: 2 CCB clock cycles
External interrupt: 4 cycles.
Message interrupts: 2 cycles after message register cleared.
MCP
I
Machine check processor. Assertion causes a machine check interrupt to the e500 core. Note that if the
e500 core is not configured to process machine check interrupts (MSR[ME] = 0), assertion of MCP
causes a checkstop condition. Note that internal sources for the internal core_mcp signal can also cause
a machine check interrupt to the processor core, as described in Section 18.4.1.13, “Machine Check
Summary Register (MCPSUMR),” Table 10-2 and Table 10-3.
State
Meaning
Asserted—The MPC8540 should initiate a machine check interrupt or enter the checkstop
state as directed by the MSR.
Negated—Machine check handling is not being requested by the external system.
Timing Assertion—May occur at any time, asynchronous to any clock.
Negation—Because MCP is edge-triggered, it can be negated one clock after its assertion.
UDE
I
Unconditional debug event. Assertion signal causes an unconditional debug exception to the e500 core.
State
Meaning
Asserted—Indicates that the MPC8540 should initiate an unconditional debug event interrupt
to the processor core.
Negated—Indicates that unconditional debug event handling is not being requested by UDE.
Timing Assertion—May occur at any time, asynchronous to any clock.
Negation—Should remain asserted until software in the unconditional debug event interrupt
handler causes the external device asserting the UDE signal to negate it.
Table 10-6. Interrupt Signals—Detailed Signal Descriptions (continued)
Signal
I/
O
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com