Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 411 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 411 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 407Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 408Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 409Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 410Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 411Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 412Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 413Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 414Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 415Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 411 / 1302 page
background image
Introduction
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
Freescale Semiconductor
10-7
•
4 inter-processor (IPI)—Intended for communication between different processor cores on
the same device. Used only for self-interrupt in a single-core device such as the MPC8540
•
4 message registers—From inside the PIC. Triggered on register write, cleared on read.
Used for inter-process communication
10.1.5.1 Interrupt Routing—Mixed Mode
When the PIC receives an internal or external interrupt, its destination register is checked to
determine if it should be routed off-chip to the external IRQ_OUT signal (if the incoming interrupt
has its xIDR[EP] bit set). Alternatively, if the incoming interrupt has been configured in xIDR[CI]
as a critical interrupt, the PIC completes its processing of the interrupt by asserting the cint input
to the core, causing it to be serviced as a critical interrupt. As a third alternative (if neither
xIDR[CI] or xIDR[EP] are set), the interrupt can be serviced as a normal external interrupt by the
processor core (through the int signal). In this case, the interrupt is latched by the interrupt pending
register (IPR) and the interrupt flow described in Section 10.4.1, “Flow of Interrupt Control,” is
followed.
10.1.5.2 Internal Interrupt Sources
Table 10-4 shows the assignments of the 23 internal interrupt sources for the MPC8540. Note that
this list does not include the interrupts generated by the PIC unit.
Table 10-4. Internal Interrupt Assignments
Internal
Interrupt
Number
Interrupt Source
Internal
Interrupt
Number
Interrupt Source
0
L2 cache
14
TSEC 1 receive interrupt
1
ECM
15–17
Reserved
2
DDR DRAM
18
TSEC 1 receive/transmit error interrupt
3
LBC
19
TSEC 2 transmit interrupt
4
DMA channel 0
20
TSEC 2 receive interrupt
5
DMA channel 1
21–23
Reserved
6
DMA channel 2
24
TSEC 2 receive/transmit error interrupt
7
DMA channel 3
25
Fast Ethernet controller (FEC)
8
PCI/PCI-X
26
DUART
9
RapidIO inbound port write/ error interrupt
27
I2C controller
10
RapidIO doorbell inbound interrupt
28
Performance monitor interrupt
11
RapidIO outbound message interrupt
29
Unused
12
RapidIO inbound message interrupt
30
Unused
13
TSEC 1 transmit interrupt
31
Unused



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com