| Electronic Components Datasheet Search |
|
MPC8540 Datasheet(PDF) 408 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MPC8540 Datasheet(HTML) 408 Page - Freescale Semiconductor, Inc |
|
408 / 1302 page ![]() MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1 10-4 Freescale Semiconductor Programmable Interrupt Controller • Four 32-bit messaging interrupt channels • Four global high resolution timers that can be clocked with the CCB (platform) clock or the RTC input. • Fully-nested interrupt delivery • Processor initialization control • Programmable resetting of the PIC unit through the global configuration register • 16 programmable interrupt priority levels • Support for connection of external interrupt controller device such as an 8259 programmable interrupt controller • In 8259 mode, it generates a local (internal) interrupt output signal, IRQ_OUT. • Recovery from spurious interrupts 10.1.3 Interrupts to the Processor Core The int signal, which causes the external interrupt exception, is the main interrupt output from the PIC unit to the processor core. External, internal, and message interrupts can alternately be configured as critical interrupts (in the destination registers); these are reported to the core through the cint signal and do not use the PIC logic described in Section 10.4.1, “Flow of Interrupt Control.” The Book E architecture implemented by the e500 core defines a separate critical interrupt type with its own save and restore registers (CSRR0 and CSRR1) and return instruction (Return from Critical Interrupt, rfci). In addition to the external and critical interrupts that are generated by the PIC, other MPC8540 conditions (shown in Table 10-2) cause interrupts to the core (and wake up the core when it is in a low-power state). Table 10-2. Processor Interrupts Generated Outside the Core—Types and Sources Core Interrupt Type Signaled by (Input to Core) Sources PIC-Programmable Interrupts External interrupt int Generated by the PIC, as described in Section 10.1.5, “Interrupt Sources.” Critical interrupt cint Generated by the PIC, as described in Section 10.1.5, “Interrupt Sources.” Other Interrupts Generated Outside the Core Machine check core_mcp (MPC8540 causes) • MCP • SRESET • Assertion of core_mcp by global utilities block |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |