Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 405 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 405 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 401Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 402Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 403Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 404Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 405Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 406Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 407Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 408Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 409Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 405 / 1302 page
background image
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
Freescale Semiconductor
10-1
Chapter 10
Programmable Interrupt Controller
This chapter describes the programmable interrupt controller (PIC) interrupt protocol, various
types of interrupt sources controlled by the PIC unit, and the PIC registers with some programming
guidelines.
10.1 Introduction
A block diagram of portions of the MPC8540 showing the relationship of the various functional
blocks and external signals to the PIC unit is shown in Figure 10-1.
The PIC unit receives interrupt signals from the following sources:
•
External interrupts. Triggered by signals external to the integrated device, namely
IRQ[0:11]
•
Internal interrupts. Triggered by signal internal to the integrated device, typically
representing major blocks by from the L2 cache, the ECM, the DDR controller, the local
bus controller (LBC), the 4-channel DMA controller, the PCI/PCI-X block, the RapidIO
interface, the dual three-speed Ethernet controllers (TSECs), the 10/100 Ethernet
controller, the DUART, the performance monitor, and the I
2C controller.
•
Interrupts generated from within the PIC itself. Names the messaging, global timer, and
interprocessor interrupts defined by the OpenPIC specification
The PIC can be configured such that interrupts can be directed as follows:
•
To the core through the external interrupt signal, int. For interrupts signalled through the int
signal, the PIC unit prioritizes and manages interrupts such that the highest priority
interrupt is always recognized and taken, and that any lower priority interrupt that is
deferred when a higher priority interrupt is taken, resumes execution as soon as all higher
priority interrupts have been handled.
•
To the core through the critical interrupt signal, cint
•
To an external interrupt controller, through the IRQ_OUT signal



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com