Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 407 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 407 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 403Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 404Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 405Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 406Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 407Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 408Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 409Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 410Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 411Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 407 / 1302 page
background image
Introduction
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
Freescale Semiconductor
10-3
Figure 10-1. MPC8540 Interrupt Sources Block Diagram
10.1.2 Features
•
Programming model compliant with the OpenPIC architecture
•
Support for 12 external and 23 internal interrupt sources. Serial interrupts are not
supported.
•
Four interprocessor interrupt channels
PIC
Global
Timer (4)
Inter-
Processor (4)
IRQ_OUT
IRQ[0:8]
DMA_DREQ3/IRQ9
DMA_DACK3/IRQ10
DMA_DDONE3/IRQ11
External
Interrupts
cint
int
Wake up core/
interrupts
CKSTP_IN
CKSTP_OUT
HRESET
HRESET_REQ
SRESET
MCP
UDE
service interrupt
e500 Core
Timer
Facility
Watchdog
Timer
PIR[P0]
PIC-defined
Messaging
(4)
Internal Interrupts
L2 cache
e500 coherency model (ECM)
DDR DRAM
Local bus controller (LBC)
DMA channels 0–3
PCI/PCI-X
RapidIO inbound port write/ error interrupt
RapidIO doorbell inbound interrupt
RapidIO outbound message interrupt
RapidIO inbound message interrupt
TSEC 1/2 transmit interrupts
TSEC 1/2 receive interrupts
TSEC 1/2 receive/transmit error interrupts
Fast Ethernet controller (FEC)
DUART
I2C controller
Performance monitor interrupt
Global Utilities
core_reset



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com