Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 404 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 404 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 400Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 401Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 402Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 403Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 404Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 405Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 406Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 407Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 408Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 404 / 1302 page
background image
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
9-50
Freescale Semiconductor
DDR Memory Controller
9.6.1
DDR SDRAM Initialization Sequence
After configuration of all parameters is complete, system software must set
DDR_SDRAM_CFG[MEM_EN] to enable the memory interface. Note that 200
µs must elapse
after the memory clocks are stable (that is, the DLL has locked or initialization is complete of all
clock related configuration registers) before MEM_EN can be set, so a delay loop in the
initialization code may be necessary if software is enabling the memory controller. After
MEM_EN has been set, the DDR memory controller automatically performs the
JEDEC-compliant initialization sequence to initialize memories according to the information in
the SDMODE and ESDMODE fields of the DDR_SDRAM_MODE register. The initialization
sequence is as follows:
1. PRECHARGE ALL
2. MODE REGISTER SET for extended mode register
3. MODE REGISTER SET for mode register
4. PRECHARGE ALL
5. Two AUTO REFRESH commands
6. MODE REGISTER SET for mode register with reset DLL bit deactivated
Note that the BA0 and BA1 bits are automatically driven appropriately during the MODE
REGISTER SET commands. After this automatic initialization is complete the memory array is
ready for access and the memory controller begins processing memory transactions as they arrive.
DDR_SDRAM_CFG
DDR SDRAM control configuration
SREN
ECC_EN
RD_EN
SDRAM_TYPE
DYN_PWR
9.4.1.5/9-14
DDR_SDRAM_MODE
DDR SDRAM mode configuration
ESDMODE
SDMODE
9.4.1.6/9-16
DDR_SDRAM_INTERVAL DDR SDRAM interval configuration
REFINT
BSTOPRE
9.4.1.7/9-16
Table 9-35. Memory Interface Configuration Register Initialization Parameters (continued)
Name
Description
Parameter
Section/Pag
e



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com