Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 403 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 403 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 399Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 400Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 401Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 402Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 403Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 404Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 405Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 406Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 407Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 403 / 1302 page
background image
Initialization/Application Information
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
Freescale Semiconductor
9-49
9.6
Initialization/Application Information
System software must configure the DDR memory controller, using a memory polling algorithm
at system start-up, to correctly map the size of each bank in memory. Then, the DDR memory
controller uses its bank map to assert the appropriate MCS[0:3] signal for memory accesses
according to the provided bank depths. System software must also configure the DDR memory
controller at system start-up to multiplex appropriately the row and column address bits for each
bank. Refer to row-address configuration in Section 9.4.1.2, “Chip Select Configuration
(CSn_CONFIG).” Address multiplexing occurs according to these configuration bits.
At system reset, initialization software (bootcode) must set up the programmable parameters in the
memory interface configuration registers (MICRs). See Section 9.4.1, “Register Descriptions,” for
more detailed descriptions of the configuration registers. These parameters are shown in
Table 9-35.
Table 9-34. Memory Controller Errors
Category
Error
Descriptions
Action
Detect
Register
Notification
Single-bit ECC
threshold
The number of ECC errors has reached the
threshold specified in the ERR_SBE.
The error is
reported through
an interrupt if
enabled
The error
control register
only logs read
versus write,
not full type.
Access
error
Multi-bit ECC
error
A multi-bit ECC error is detected during a read, or
read-modify-write memory operation.
Memory select
error
Read, or write, address does not fall within the
address range of any of the memory banks.
Table 9-35. Memory Interface Configuration Register Initialization Parameters
Name
Description
Parameter
Section/Pag
e
CSn_BNDS
Chip select memory bounds
SAn
EAn
9.4.1.1/9-10
CSn_CONFIG
Chip select configuration
CS_n_EN
ROW_BITS_CS_n
COL_BITS_CS_n
9.4.1.2/9-10
TIMING_CFG_1
DDR SDRAM timing configuration
PRETOACT
ACTTOPRE
ACTTORW
CASLAT
REFREC
WRREC
ACTTOACT
WRTORD
WR_DATA_DELAY
9.4.1.3/9-11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com