Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 402 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 402 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 398Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 399Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 400Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 401Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 402Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 403Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 404Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 405Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 406Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 402 / 1302 page
background image
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
9-48
Freescale Semiconductor
DDR Memory Controller
9.5.12 Error Management
The DDR memory controller detects three different kinds of errors: single-bit, multi-bit, and
memory select errors. The following discussion assumes all the relevant error detection,
correction, and reporting functions are enabled as described in Section 9.4.1.16, “Memory Error
Interrupt Enable (ERR_INT_EN),” Section 9.4.1.15, “Memory Error Disable (ERR_DISABLE),”
and Section 9.4.1.14, “Memory Error Detect (ERR_DETECT).”
Single-bit errors are counted and reported based on the ERR_SBE value. When a single-bit error
is detected, the DDR memory controller does the following:
•
Corrects the data
•
Increments the single-bit error counter ERR_SBE[SBEC]
•
Generates an interrupt if the counter value ERR_SBE[SBEC] equals the programmable
threshold ERR_SBE[SBET]
•
Completes the transaction normally
If a multi-bit error is detected for a read, the DDR memory controller logs the error and generates
an interrupt (if enabled, as described in Section 9.4.1.15, “Memory Error Disable
(ERR_DISABLE)”). The final error the DDR memory controller detects is a memory select error,
which causes the DDR memory controller to log the error and generate an interrupt (if enabled, as
described in Section 9.4.1.14, “Memory Error Detect (ERR_DETECT)”). This error is detected if
the address from the memory request does not fall into any of the enabled, programmed chip select
address ranges. Table 9-34 shows the errors with their descriptions.
Table 9-33. DDR SDRAM ECC Syndrome Encoding (Check Bits)
Check
Bit
Syndrome Bit
0123
4567
0
•
1
•
2
•
3
•
4
•
5
•
6
•
7
•



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com