Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 412 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 412 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 408Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 409Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 410Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 411Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 412Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 413Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 414Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 415Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 416Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 412 / 1302 page
background image
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
10-8
Freescale Semiconductor
Programmable Interrupt Controller
10.2 External Signal Descriptions
The following sections provide an overview and detailed descriptions of the PIC signals.
10.2.1 Signal Overview
PIC interface signals are described in Table 10-5. There are 12 distinct external interrupt request
input signals (IRQ[0:11]) and 1 interrupt request output signal (IRQ_OUT). As Table 10-5 shows,
three IRQ inputs are multiplexed with DMA signals for DMA channel 3.
10.2.2 Detailed Signal Descriptions
Table 10-6 provides detailed descriptions of the external PIC signals.
Table 10-5. PIC Interface Signals
Signal Name
I/O
Description
IRQ[0:8]
I
External interrupts
IRQ9/DMA_DREQ31
1 IRQ9–IRQ11 are multiplexed with DMA3 signals. These functions are mutually exclusive; the active function is
specified in PMUXCR of the global utilities block as described in Section 18.4.1.10, “Alternate Function Signal
Multiplex Control Register (PMUXCR).”
I
External interrupt/DMA channel 3 request
IRQ10/DMA_DACK31
I or O
External interrupt (input)/DMA channel 3 acknowledge (output)
IRQ11/DMA_DDONE31
I or O
External interrupt (input)/DMA channel 3 done (output)
IRQ_OUT
O
Interrupt request out
MCP
I
Processor machine check
UDE
I
Unconditional debug event
Table 10-6. Interrupt Signals—Detailed Signal Descriptions
Signal
I/
O
Description
IRQ[0:11]
I
Interrupt request 0–11. The polarity and sense of each of these signals is programmable. All of these
inputs can be driven completely asynchronously.
State
Meaning
Asserted—When an external interrupt signal is asserted (according to the programmed
polarity), the priority is checked by the PIC unit, and the interrupt is conditionally passed
to the processor. In pass-through mode, only interrupts detected on IRQ0 are passed
directly to the processor core.
Negated—There is no incoming interrupt from that source.
Timing Assertion—All of these inputs can be asserted completely asynchronously.
Negation—Interrupts programmed as level-sensitive must remain asserted until serviced.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com