Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 506 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 506 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 502Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 503Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 504Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 505Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 506Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 507Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 508Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 509Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 510Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 506 / 1302 page
background image
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
13-2
Freescale Semiconductor
Local Bus Controller
13.1.1 Overview
The main component of the LBC is its memory controller, which provides a seamless interface to
many types of memory devices and peripherals. The memory controller is responsible for
controlling eight memory banks shared by a high performance SDRAM machine, a GPCM, and
up to three UPMs. As such, it supports a minimal glue logic interface to synchronous DRAM
(SDRAM), SRAM, EPROM, flash EPROM, burstable RAM, regular DRAM devices, extended
data output DRAM devices, and other peripherals. The external address latch signal (LALE)
allows multiplexing of addresses with data signals to reduce the device pin count.
The LBC also includes a number of data checking and protection features such as data parity
generation and checking, write protection and a bus monitor to ensure that each bus cycle is
terminated within a user-specified period.
13.1.2 Features
The LBC main features are as follows:
•
Memory controller with eight memory banks
— 34-bit address decoding with mask
— Variable memory block sizes (32 Kbytes to 4 Gbytes)
— Selection of control signal generation on a per-bank basis
— Data buffer controls activated on a per-bank basis
— Up to 256-byte bursts, arbitrarily aligned
— Automatic segmentation of large transactions
— Odd/even parity checking including read-modify-write (RMW) parity for single
accesses
— Write-protection capability
— Atomic operation
— Parity byte-select
•
SDRAM machine
— Provides the control functions and signals for glueless connection to JEDEC-compliant
SDRAM devices
— Supports up to four concurrent open pages per device
— Supports SDRAM port size of 32, 16, and 8 bits
— Supports external address and/or command lines buffering



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com