Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 503 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 503 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 499Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 500Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 501Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 502Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 503Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 504Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 505Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 506Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 507Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 503 / 1302 page
background image
DUART Initialization/Application Information
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
Freescale Semiconductor
12-25
12.4.5.3
Interrupt Control Logic
An interrupt is active when DUART interrupt ID register bit 0 (UIIR[0]), is cleared. The interrupt
enable register (UIER) is used to mask specific interrupt types. For more details refer to the
description of UIER in Section 12.3.1.4, “Interrupt Enable Register (UIER).”
When the interrupts are disabled in UIER, polling software can not use UIIR[0] to determine
whether the UART is ready for service. The software must monitor the appropriate bits in the line
status (ULSR) and/or the MODEM status (UMSR) registers. UIIR[0] can be used for polling if the
interrupts are enabled in UIER.
12.5 DUART Initialization/Application Information
The following requirements must be met for DUART accesses:
•
All DUART registers must be mapped to a cache-inhibited area.
•
All DUART registers are 1 byte wide. Reads and writes to these registers must be byte-wide
operations.
A system reset puts the DUART registers to a default state. Before the interface can transfer serial
data, the following initialization steps are recommended:
1. Update the programmable interrupt controller (PIC) DUART channel interrupt vector
source registers.
2. Set data attributes and control bits in the ULCR, UFCR, UAFR, UMCR, UDLB, and
UDMB.
3. Set the data attributes and control bits of the external MODEM or peripheral device.
4. Set the interrupt enable register (UIER).
5. To start a write transfer, write to the UTHR.
6. Poll UIIR if the interrupts generated by the DUART are masked.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com