Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 499 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 499 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 495Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 496Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 497Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 498Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 499Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 500Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 501Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 502Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 503Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 499 / 1302 page
background image
Functional Description
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
Freescale Semiconductor
12-21
Figure 12-16. UART Bus Interface Transaction Protocol Example
A standard UART bus transfer is composed of either three or four parts:
•
START bit
•
Data transfer bits (least-significant bit is first data bit on the bus)
•
Parity bit (optional)
•
STOP bits
An internal logic sample signal, rxcnt, uses the frequency of the baud-rate generator to drive the
bits on SOUT.
The following sections describe the four components of the serial interface, the baud-rate
generator, local loop-back mode, different errors, and FIFO mode.
12.4.1.1
START Bit
A write to the transmitter holding register (UTHR) generates a START bit on the SOUT signal.
Figure 12-16 shows that the START bit is defined as a logic 0. The START bit denotes the
beginning of a new data transfer which is limited to the bit length programmed in the UART line
control register (ULCR).When the bus is idle, SOUT is high.
12.4.1.2
Data Transfer
Each data transfer contains 5–8 bits of data. The ULCR data bit length for the transmitter and
receiver UART devices must agree before a transfer begins; otherwise, a parity or framing error
may occur. A transfer begins when UTHR is written. At that time a START bit is generated
followed by 5–8 of the data bits previously written to the UTHR. The data bits are driven from the
least significant to the most significant bits. After the parity and STOP bits, a new data transfer can
begin if new data is written to the UTHR.
1
234
5
6
7
8
9
1
234
567
89
D6 D5 D4 D3 D2
D1 D0 PTY
D6 D5 D4 D3 D2
D1 D0 PTY
rxcnt
SOUT1
START
STOP bits
Optional
Data bits
Data bits
STOP bits
10
10
Two 7-bit data transmissions with parity and 2-bit STOP transactions
even/odd parity
START
Optional
even/odd parity



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com