Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 498 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 498 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 494Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 495Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 496Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 497Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 498Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 499Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 500Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 501Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 502Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 498 / 1302 page
background image
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
12-20
Freescale Semiconductor
DUART
12.4 Functional Description
The communication channel provides a full-duplex asynchronous receiver and transmitter using
an operating frequency derived from the CCB clock signal.
The transmitter accepts parallel data with a write access to the transmitter holding register
(UTHR). In FIFO mode, the data is placed directly into an internal transmitter shift register, or into
the transmitter FIFO—see Section 12.4.5, “FIFO Mode.” The transmitting registers convert the
data to a serial bit stream, by inserting the appropriate START, STOP, and optional parity bits.
Finally, the registers output a composite serial data stream on the channel transmitter serial data
output (SOUT). The transmitter status may be polled or interrupt-driven.
The receiver accepts serial data on the channel receiver serial data input (SIN), converts the data
into parallel format, and checks for START, STOP, and parity bits. In FIFO mode, the receiver
removes the START, STOP, and parity bits and then transfers the assembled character from the
receiver buffer, or receiver FIFO. This transfer occurs in response to a read of the UART receiver
buffer register (URBR). The receiver status may be polled or interrupt driven.
12.4.1 Serial Interface
The UART bus is a serial, full-duplex, point-to-point bus as shown in Figure 12-16. Therefore,
only two devices are attached to the same signals and there is no need for address or arbitration
bus cycles.
Table 12-24. UDSR[RXRDY] Cleared
DMS FEN
DMA Mode
Meaning
0
0
0
RXRDY is cleared when there is at least one character in the receiver FIFO or URBR.
01
0
10
0
1
1
1
RXRDY is cleared when the trigger level or a time-out has been reached. RXRDY remains
cleared until the receiver FIFO is empty.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com