Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 494 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 494 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 490Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 491Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 492Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 493Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 494Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 495Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 496Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 497Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 498Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 494 / 1302 page
background image
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
12-16
Freescale Semiconductor
DUART
12.3.1.10 MODEM Status Registers (UMSR0, UMSR1)
The UMSRs track the status of the MODEM (or external peripheral device) clear to send (CTS)
signal for the corresponding UART.
Figure 12-12 shows the bits in the UMSRs.
4
FE
Framing error
0 This bit is cleared when ULSR is read or when a new character is loaded into the URBR from the
receiver shift register.
1 Invalid STOP bit for receive data (only the first STOP bit is checked). In FIFO mode, this bit is set when
the character that detected a framing error is encountered in the FIFO (that is the character at the top
of the FIFO). An attempt to resynchronize occurs after a framing error. The UART assumes that the
framing error (due to a logic 0 being read when a logic 1 (STOP) was expected) was due to a STOP
bit overlapping with the next START bit, so it assumes this logic 0 sample is a true START bit and then
will receive the following new data.
5
PE
Parity error
0 This bit is cleared when ULSR is read or when a new character is loaded into the URBR.
1 Unexpected parity value encountered when receiving data. In FIFO mode, the character with the error
is at the top of the FIFO.
6
OE
Overrun error
0 This bit is cleared when ULSR is read.
1 Before the URBR is read, the URBR was overwritten with a new character. The old character is loss.
In FIFO mode, the receiver FIFO is full (regardless of the receiver FIFO trigger level setting) and a
new character has been received into the internal receiver shift register. The old character was
overwritten by the new character. Data in the receiver FIFO was not overwritten.
7
DR
Data ready
0 This bit is cleared when URBR is read or when all of the data in the receiver FIFO is read.
1 A character has been received in the URBR or the receiver FIFO.
02
3
4
6
7
R—
CTS
—
DCTS
W
Reset
0x00
Offset
0x0_4506, 0x0_4606
Figure 12-12. Modem Status Register (UMSR)
Table 12-16. ULSR Field Definitions (continued)
Bits Name
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com