Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 493 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 493 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 489Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 490Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 491Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 492Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 493Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 494Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 495Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 496Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 497Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 493 / 1302 page
background image
Memory Map/Register Definition
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
Freescale Semiconductor
12-15
12.3.1.9
Line Status Registers (ULSR0, ULSR1)
The ULSRs are read-only registers that monitor the status of the data transfer on the UART buses.
To isolate the status bits from the proper character received through the UART bus, software
should read the ULSR and then the URBR.
Figure 12-11 shows the bits in the ULSRs.
Table 12-16 describes the fields of the ULSRs.
012
3456
7
R
RFE
TEMT
THRE
BI
FE
PE
OE
DR
W
Reset
0x60
Offset
0x0_4505, 0x0_4605
Figure 12-11. Line Status Register (ULSR)
Table 12-16. ULSR Field Definitions
Bits Name
Description
0
RFE
Receiver FIFO error
0 This bit is cleared when there are no errors in the receiver FIFO or on a read of the ULSR with no
remaining receiver FIFO errors.
1 Set to one when one of the characters in the receiver FIFO encounters an error (framing, parity, or
break interrupt)
1
TEMT Transmitter empty
0 Either or both the UTHR or the internal transmitter shift register has a data character. In FIFO mode,
a data character is in the transmitter FIFO or the internal transmitter shift register.
1 Both the UTHR and the internal transmitter shift register are empty. In FIFO mode, both the transmitter
FIFO and the internal transmitter shift register are empty.
2
THRE Transmitter holding register empty
0 The UTHR is not empty.
1 A data character has transferred from the UTHR into the internal transmitter shift register. In FIFO
mode, the transmitter FIFO contains no data character.
3
BI
Break interrupt
0 This bit is cleared when the ULSR is read or when a valid data transfer is detected (that is, STOP bit
is received).
1 Received data of logic 0 for more than START bit + Data bits + Parity bit + one STOP bits length of
time. A break condition is expected to last at least two character lengths and a new character is not
loaded until SIN returns to the mark state (logic 1) and a valid START is detected. In FIFO mode, a
zero character is encountered in the FIFO (the zero character is at the top of the FIFO). In FIFO mode,
only one zero character is stored. Note that the ULSR[BI] is set immediately after ULSR is read if bus
remains zero and no mark state followed by a valid new character has been detected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com