Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 489 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 489 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 485Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 486Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 487Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 488Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 489Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 490Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 491Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 492Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 493Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 489 / 1302 page
background image
Memory Map/Register Definition
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
Freescale Semiconductor
12-11
The bits contained in the UIIR registers are described in Table 12-11.
12.3.1.6
FIFO Control Registers (UFCR0, UFCR1)
The UFCR, a write-only register, is used to enable and clear the receiver and transmitter FIFOs,
set a receiver FIFO trigger level to control the received data available interrupt, and select the type
of DMA signaling.
When the UFCR bits are written, the FIFO enable bit must also be set or else the UFCR bits are
not programmed. When changing from FIFO mode to 16450 mode (non-FIFO mode) and vice
versa, data is automatically cleared from the FIFOs.
After all the bytes in the receiver FIFO are cleared, the receiver internal shift register is not cleared.
Similarly, the bytes are cleared in the transmitter FIFO, but the transmitter internal shift register is
not cleared. Both TFR and RFR are self-clearing bits.
Figure 12-8 shows the bits in the UFCRs.
Table 12-11. UIIR IID Bits Summary
IID Bits
IID[3–0]
Priority
Level
Interrupt Type
Interrupt Description
How To Reset Interrupt
0b0001
—
—
—
—
0b0110
Highest Receiver line status
Overrun error, parity error, framing
error, or break interrupt
Read the line status register.
0b0100
Second Received data available Receiver data available or trigger level
reached in FIFO mode
Read the receiver buffer register or
interrupt is automatically reset if the
number of bytes in the receiver FIFO
drops below the trigger level.
0b1100
Second Character time-out
No characters have been removed
from or input to the receiver FIFO
during the last 4 character times and
there is at least one character in the
receiver FIFO during this time.
Read the receiver buffer register.
0b0010
Third
UTHR empty
Transmitter holding register is empty
Read the UIIR or write to the UTHR.
0b0000
Fourth
MODEM status
CTS input value changed since last
read of UMSR
Read the UMSR.
012
3456
7
R
W
RTL
—
DMS
TFR
RFR
FEN
Reset
0x00
Offset
0x0_4502, 0x0_4602
Figure 12-8. FIFO Control Registers (UFCR0, UFCR1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com