Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 487 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 487 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 483Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 484Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 485Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 486Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 487Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 488Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 489Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 490Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 491Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 487 / 1302 page
background image
Memory Map/Register Definition
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
Freescale Semiconductor
12-9
3. The result from step two is multiplied by 100 to calculate the final percent error. The result
is calculated in absolute value (no negative numbers).
These steps can be described with the following equation:
Percent error value = (1 – AFI/ICF)
× 100
12.3.1.4
Interrupt Enable Register (UIER)
The UIER gives the user the ability to mask specific UART interrupts to the MPC8540
programmable interrupt controller (PIC).
Figure 12-6 shows the bits in the UIER.
Table 12-9 describes the fields of UIER.
0
3
456
7
R
EMSI
ERLSI
ETHREI
ERDAI
W
Reset
0x00
Offset
0x0_4501, 0x0_4601
Figure 12-6. Interrupt Enable Register (UIER)
Table 12-9. UIER Field Definitions
Bits
Name
Description
0–3
—
Reserved
4
EMSI
Enable MODEM status interrupt
0 Mask interrupts caused by UMSR[DCTS] being set
1 Enable and assert interrupts when the clear-to-send bit in the UART MODEM status register
(UMSR) changes state
5
ERLSI
Enable receiver line status interrupt
0 Mask interrupts when ULSR’s overrun, parity error, framing error or break interrupt bits are set
1 Enable and assert interrupts when ULSR’s overrun, parity error, framing error or break interrupt bits
are set
6
ETHREI Enable transmitter holding register empty interrupt
0 Mask interrupt when ULSR[THRE] is set
1 Enable and assert interrupts when ULSR[THRE] is set
7
ERDAI
Enable received data available interrupt
0 Mask interrupt when new receive data is available or receive data time out has occurred
1 Enable and assert interrupts when a new data character is received from the external device and/or
a time-out interrupt occurs in the FIFO mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com