Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 483 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 483 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 479Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 480Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 481Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 482Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 483Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 484Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 485Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 486Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 487Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 483 / 1302 page
background image
Memory Map/Register Definition
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
Freescale Semiconductor
12-5
contains detailed information about each register. Undefined byte address spaces within offset
0x000–0xFFF are reserved.
Table 12-3. DUART Register Summary
Offset
Register
Access Reset
Section/Page
0x0_4500
URBR—ULCR[DLAB] = 0 UART0 receiver buffer register
R
0x00
12.3.1.1/12-6
0x0_4500
UTHR—ULCR[DLAB] = 0 UART0 transmitter holding register
W
0x00
12.3.1.2/12-6
0x0_4500
UDLB—ULCR[DLAB] = 1 UART0 divisor least significant byte
register
R/W
0x00
12.3.1.3/12-7
0x0_4501
UIER—ULCR[DLAB] = 0 UART0 interrupt enable register
R/W
0x00
12.3.1.4/12-9
0x0_4501
UDMB—ULCR[DLAB] = 1 UART0 divisor most significant byte
register
R/W
0x00
12.3.1.3/12-7
0x0_4502
UIIR—ULCR[DLAB] = 0 UART0 interrupt ID register
R
0x01
12.3.1.5/12-10
0x0_4502
UFCR—ULCR[DLAB] = 0 UART0 FIFO control register
W
0x00
12.3.1.6/12-11
0x0_4502
UAFR—ULCR[DLAB] = 1 UART0 alternate function register
R/W
0x00
12.3.1.12/12-17
0x0_4503
ULCR—ULCR[DLAB] = x UART0 line control register
R/W
0x00
12.3.1.7/12-12
0x0_4504
UMCR—ULCR[DLAB] = x UART0 MODEM control register
R/W
0x00
12.3.1.8/12-14
0x0_4505
ULSR—ULCR[DLAB] = x UART0 line status register
R
0x60
12.3.1.9/12-15
0x0_4506
UMSR—ULCR[DLAB] = x UART0 MODEM status register
R
0x00
12.3.1.10/12-16
0x0_4507
USCR—ULCR[DLAB] = x UART0 scratch register
R/W
0x00
12.3.1.11/12-17
0x0_4510
UDSR—ULCR[DLAB] = x UART0 DMA status register
R
0x01
12.3.1.13/12-18
0x0_4600
URBR—ULCR[DLAB] = 0 UART1 receiver buffer register
R
0x00
12.3.1.1/12-6
0x0_4600
UTHR—ULCR[DLAB] = 0 UART1 transmitter holding register
W
0x00
12.3.1.2/12-6
0x0_4600
UDLB—ULCR[DLAB] = 1 UART1 divisor least significant byte
register
R/W
0x00
12.3.1.3/12-7
0x0_4601
UIER—ULCR[DLAB] = 0 UART1 interrupt enable register
R/W
0x00
12.3.1.4/12-9
0x0_4601
UDMB_ULCR[DLAB] = 1 UART1 divisor most significant byte
register
R/W
0x00
12.3.1.3/12-7
0x0_4602
UIIR—ULCR[DLAB] = 0 UART1 interrupt ID register
R
0x01
12.3.1.5/12-10
0x0_4602
UFCR—ULCR[DLAB] = 0 UART1 FIFO control register
W
0x00
12.3.1.6/12-11
0x0_4602
UAFR—ULCR[DLAB] = 1 UART1 alternate function register
R/W
0x00
12.3.1.12/12-17
0x0_4603
ULCR—ULCR[DLAB] = x UART1 line control register
R/W
0x00
12.3.1.7/12-12
0x0_4604
UMCR—ULCR[DLAB] = x UART1 MODEM control register
R/W
0x00
12.3.1.8/12-14
0x0_4605
ULSR—ULCR[DLAB] = x UART1 line status register
R
0x60
12.3.1.9/12-15
0x0_4606
UMSR—ULCR[DLAB] = x UART1 MODEM status register
R
0x00
12.3.1.10/12-16
0x0_4607
USCR—ULCR[DLAB] = x UART1 scratch register
R/W
0x00
12.3.1.11/12-17
0x0_4610
UDSR—ULCR[DLAB] = x UART1 DMA status register
R
0x01
12.3.1.13/12-18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com