Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 482 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 482 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 478Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 479Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 480Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 481Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 482Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 483Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 484Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 485Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 486Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 482 / 1302 page
background image
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
12-4
Freescale Semiconductor
DUART
12.3 Memory Map/Register Definition
There are two complete sets of DUART registers (one for UART0 and one for UART1). The two
UARTs on the device are identical, except that the registers for UART0 are located at offsets
0x0_4500 (local), and the registers for UART1 are located at offsets 0x0_4600 (local). Throughout
this chapter, the registers are described by a singular acronym: for example, LCR represents the
line control register for either UART0 or UART1.
The 14 registers in each UART interface are used for configuration, control, and status. The divisor
latch access bit, ULCR[DLAB], is used to access the divisor latch least- and most-significant bit
registers and the alternate function register. Refer to Section 12.3.1.7, “Line Control Registers
(ULCR0, ULCR1),” for more information on ULCR[DLAB].
All the DUART registers are one byte wide. Reads and writes to these registers must be byte-wide
operations. Table 12-3 provides a register summary with references to the section and page that
Table 12-2. DUART Signals—Detailed Signal Descriptions
Signal
I/O
Description
UART_SIN[0:1]
I
Serial data in. Data is received on the receivers of UART0 and UART1 through its respective
serial data input signal, with the least-significant bit received first.
State
Meaning
Asserted/Negated—Represents the data being received on the UART interface.
Timing Assertion/Negation—An internal logic sample signal, rxcnt, uses the frequency of
the baud-rate generator to sample the data on SIN.
UART_SOUT[0:1]
O Serial data out. The serial data output signals for the UART0 and UART1 are set ('mark'
condition) when the transmitter is disabled, idle, or operating in the local loop-back mode. Data
is shifted out on these signals, with the least significant bit transmitted first.
State
Meaning
Asserted/Negated—Represents the data being transmitted on the respective UART
interface.
Timing Assertion/Negation— An internal logic sample signal, rxcnt, uses the frequency of
the baud-rate generator to update and drive the data on SOUT.
UART_CTS[0:1]
I
Clear to send. These active-low inputs are the clear-to-send inputs. They are connected to the
respective RTS outputs of the other UART devices on the bus. They can be programmed to
generate an interrupt on change-of-state of the signal.
State
Meaning
Asserted/Negated—Represent the clear to send condition for their respective UART.
Timing Assertion/Negation—Sampled at the rising edge of every CCB clock.
UART_RTS[0:1]
O Request to send. UART_RTSx are active-low output signals that can be programmed to be
automatically negated and asserted by either the receiver or transmitter. When connected to
the clear-to-send (CTS) input of a transmitter, this signal can be used to control serial data flow.
State
Meaning
Asserted/Negated—Represents the data being transmitted on the respective UART
interface.
Timing Assertion/Negation—Updated and driven at the rising edge of every CCB clock.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com