Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 486 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 486 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 482Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 483Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 484Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 485Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 486Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 487Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 488Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 489Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 490Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 486 / 1302 page
background image
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
12-8
Freescale Semiconductor
DUART
Figure 12-5 shows the bits in the UDLBs.
Table 12-7 describes the fields of UDLB registers.
Table 12-8 shows baud rate when the input clock is at certain frequencies.
To get the percent error value, the following three steps are taken:
1. The input clock frequency (ICF) is divided by the actual frequency input (AFI) to get the
correct divisor value (ICF/AFI where AFI = baud rate
× 16).
2. The divisor value is subtracted from 1.
07
R
UDLB
W
Reset
0x00
Offset
0x0_4500, 0x0_4600
Figure 12-5. Divisor Least Significant Byte Registers (UDLB0, UDLB1)
Table 12-7. UDLB Field Definition
Bits
Name
Description
0–7
UDLB
Divisor least-significant byte. This is concatenated with UDMB.
Table 12-8. Baud Rate Examples
Baud Rate
(Decimal)
Divisor
Input
Clock(CCB)
Frequency
(MHz)
Percent Error
(Decimal)
Decimal
Hex
9,600
1736
6C8
266
0.0064
19,200
868
364
266
0.0064
38,400
434
1B2
266
0.0064
56,000
298
12A
266
0.1280
128,000
130
82
266
0.1600
256,000
65
41
266
0.1600
9,600
2170
87A
333
0.0064
19,200
1085
43D
333
0.0064
38,400
543
21F
333
0.0858
56,000
372
174
333
0.0064
128,000
163
A3
333
0.1472
256,000
81
51
333
0.4672



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com