Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 485 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 485 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 481Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 482Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 483Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 484Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 485Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 486Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 487Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 488Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 489Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 485 / 1302 page
background image
Memory Map/Register Definition
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
Freescale Semiconductor
12-7
Figure 12-3 shows the bits in the UTHRs.
Table 12-5 describes the fields of UTHR.
12.3.1.3
Divisor Most and Least Significant Byte Registers
(UDMB and UDLB)
The divisor least significant byte register (UDLB) is concatenated with the divisor most significant
byte register (UDMB) to create the divisor used to divide the input clock into the DUART. The
output frequency of the baud generator is 16 times the baud rate; therefore the desired baud rate =
platform clock frequency / (16
× [UDMB||UDLB]). Equivalently, þþ [UDMB||UDLB:0b0000]þ =
platform clock frequency / desired baud rate. Baud rates that can be generated by specific input
clock frequencies are shown in Table 12-8.
Figure 12-4 shows the bits in the UDMBs.
Table 12-6 describes the fields of UDMB registers.
07
R
WDATA
Reset
0x00
Offset
0x0_4500, 0x0_4600
Figure 12-3. Transmitter Holding Registers (UTHR0, UTHR1)
Table 12-5. UTHR Field Definition
Bits
Name
Description
0–7
DATA
Data that is written to UTHR (write only)
07
R
UDMB
W
Reset
0x00
Offset
0x0_4501, 0x0_4601
Figure 12-4. Divisor Most Significant Byte Registers (UDMB0, UDMB1)
Table 12-6. UDMB Field Definition
Bits
Name
Description
0–7
UDMB Divisor most-significant byte



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com