Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 484 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 484 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 480Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 481Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 482Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 483Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 484Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 485Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 486Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 487Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 488Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 484 / 1302 page
background image
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
12-6
Freescale Semiconductor
DUART
12.3.1 Register Descriptions
The following sections describe the MPC8540 UART0 and UART1 registers.
12.3.1.1
Receiver Buffer Registers (URBR0, URBR1)
These registers contain the data received from the transmitter on the UART buses. In FIFO mode,
when read, they return the first byte received. For FIFO status information, refer to the
UDSR[RXRDY] description.
Except for the case when there is an overrun, URBR returns the data in the order it was received
from the transmitter. Refer to the ULSR[OE] description, Section 12.3.1.9, “Line Status Registers
(ULSR0, ULSR1).” Figure 12-3 shows the receiver buffer registers. Note that these registers have
same offset as the UTHRs.
Figure 12-2 shows the bits in the URBRs.
Table 12-4 describes the fields of URBR.
12.3.1.2
Transmitter Holding Registers (UTHR0, UTHR1)
A write to these 8-bit registers causes the UART devices to transfer 5–8 data bits on the UART bus
in the format set up in the ULCR (line control register). In FIFO mode, data written to UTHR is
placed into the FIFO. The data written to UTHR is the data sent onto the UART bus, and the first
byte written to UTHR will be the first byte onto the bus. UDSR[TXRDY] indicates when the FIFO
is full. Refer to the Table 12-21 and the Table 12-22 for more details.
07
RDATA
W
Reset
0x00
Offset
0x0_4500, 0x0_4600
Figure 12-2. Receiver Buffer Registers (URBR0, URBR1)
Table 12-4. URBR Field Definition
Bits
Name
Description
0–7
DATA
Data received from the transmitter on the UART bus (read only)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com