Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 480 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 480 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 476Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 477Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 478Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 479Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 480Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 481Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 482Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 483Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 484Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 480 / 1302 page
background image
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
12-2
Freescale Semiconductor
DUART
Figure 12-1. UART Block Diagram
12.1.1 Features
The DUART includes these distinctive features:
•
Full-duplex operation
•
Programming model compatible with the original PC16450 UART and the PC16550D (an
improved version of the PC16450 that also operates in FIFO mode)
•
PC16450 register reset values
•
FIFO mode for both transmitter and receiver, providing 16-byte FIFOs
•
Serial data encapsulation and decapsulation with standard asynchronous communication
bits (START, STOP, and parity)
•
Maskable transmit, receive, line status, and MODEM status interrupts
•
Software-programmable baud generators that divide the CCB clock by 1 to (216 – 1) and
generate a 16x clock for the transmitter and receiver engines
•
Clear to send (CTS) and ready to send (RTS) MODEM control functions
•
Software-selectable serial interface data format (data length, parity, 1/1.5/2 STOP bit, baud
rate)
•
Line and MODEM status registers
•
Line-break detection and generation
Receive Buffer
Input Port
Output Port
Address Bus
Control
Data
16-Bit Counter/
Baud Rate Generator
RTS
SIN
SOUT
Interrupt
Control
Logic
Control
Transmit Buffer
CTS
CCB_clk
HRESET
int



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com