Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 479 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 479 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 475Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 476Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 477Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 478Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 479Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 480Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 481Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 482Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 483Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 479 / 1302 page
background image
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
Freescale Semiconductor
12-1
Chapter 12
DUART
This chapter describes the dual universal asynchronous receiver/transmitters (DUART) of the
MPC8540. It describes the functional operation, the DUART initialization sequence, and the
programming details for the DUART registers and features.
12.1 Overview
The DUART of the MPC8540 consists of two universal asynchronous receiver/transmitters
(UARTs). The UARTs act independently; all references to UART refer to one of these
receiver/transmitters. Each UART is clocked by the core complex bus (CCB) clock. The DUART
programming model is compatible with the PC16552D.
The UART interface is point to point, meaning that only two UART devices are attached to the
connecting signals. As shown in Figure 12-1, each UART module consists of the following:
•
Receive and transmit buffers
•
Clear to send (CTS) input port and request to send (RTS) output port for data flow control
•
16-bit counter for baud rate generation
•
Interrupt control logic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com