Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 490 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 490 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 486Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 487Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 488Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 489Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 490Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 491Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 492Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 493Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 494Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 490 / 1302 page
background image
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
12-12
Freescale Semiconductor
DUART
Table 12-12 describes the fields of the UFCRs.
12.3.1.7
Line Control Registers (ULCR0, ULCR1)
The ULCRs specify the data format for the UART bus and set the divisor latch access bit
ULCR[DLAB], which controls the ability to access the divisor latch least and most significant bit
registers and the alternate function register.
After initializing the ULCR, the software should not re-write the ULCR when valid transfers on
the UART bus are active. The software should not re-write the ULCR until the last STOP bit has
been received and there are no new characters being transferred on the bus.
The stick parity bit, ULCR[SP], assigns a set parity value for the parity bit time slot sent on the
UART bus. The set value is defined as mark parity (logic 1) or space parity (logic 0). ULCR[PEN]
and ULCR[EPS] help determine the set parity value. See Table 12-14 for more information.
ULCR[NSTB], defines the number of STOP bits to be sent at the end of the data transfer. The
receiver only checks the first STOP bit, regardless of the number of STOP bits selected. The word
length select bits (1 and 0) define the number of data bits that are transmitted or received as a serial
character. The word length does not include START, parity, and STOP bits.
Table 12-12. UFCR Field Definitions
Bits Name
Description
0–1
RTL
Receiver trigger level. A received data available interrupt occurs when UIER[ERDAI] is set and the
number of bytes in the receiver FIFO equals the designated interrupt trigger level as follows:
00 1 byte
01 4 bytes
10 8 bytes
11 14 bytes
2–3
—
Reserved
4
DMS
DMA mode select. See Section 12.4.5.2, “DMA Mode Select,” for more information.
0 UDSR[RXRDY] and UDSR[TXRDY] bits are in mode 0.
1 UDSR[RXRDY] and UDSR[TXRDY] bits are in mode 1 if UFCR[FEN] = 1.
5
TFR
Transmitter FIFO reset
0 No action
1 Clears all bytes in the transmitter FIFO and resets the FIFO counter/pointer to 0
6
RFR
Receiver FIFO reset
0 No action
1 Clears all bytes in the receiver FIFO and resets the FIFO counter/pointer to 0
7
FEN
FIFO enable
0 FIFOs are disabled and cleared
1 Enables the transmitter and receiver FIFOs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com