Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 496 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 496 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 492Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 493Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 494Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 495Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 496Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 497Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 498Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 499Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 500Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 496 / 1302 page
background image
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
12-18
Freescale Semiconductor
DUART
Figure 12-14 shows the bits in the UAFRs.
Table 12-19 describes the fields of the UAFRs.
12.3.1.13 DMA Status Registers (UDSR0, UDSR1)
The DMA status registers (UDSRs) are read-only registers that return transmitter and receiver
FIFO status. UDSRs also provide the ability to assist DMA data operations to and from the FIFOs.
Figure 12-15 shows the bits in UDSRs.
05
6
7
R
BO
CW
W
Reset
0x00
Offset
0x0_4502, 0x0_4602
Figure 12-14. Alternate Function Register (UAFR)
Table 12-19. UAFR Field Definitions
Bits Name
Description
0–5
—
Reserved
6
BO
Baud clock select
0 The baud clock is not gated off.
1 The baud clock is gated off.
7
CW
Concurrent write enable
0 Disables writing to both UART0 and UART1
1 Enables concurrent writes to corresponding UART registers. A write to a register in UART0 is also a
write to the corresponding register in UART1 and vice versa.
0
567
R
TXRDY RXRDY
W
Reset
0x01
Offset
0x0_4510, 0x0_4610
Figure 12-15. DMA Status Register (UDSR)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com