Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 495 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 495 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 491Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 492Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 493Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 494Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 495Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 496Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 497Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 498Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 499Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 495 / 1302 page
background image
Memory Map/Register Definition
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
Freescale Semiconductor
12-17
Table 12-17 describes the fields of the UMSRs.
12.3.1.11 Scratch Registers (USCR0, USCR1)
The USCR registers are for debugging software or the DUART hardware. The USCRs do not
affect the operation of the DUART.
Figure 12-13 shows the bits in USCRs.
Table 12-18 describes the fields of the USCRs.
12.3.1.12 Alternate Function Registers (UAFR0, UAFR1)
The UAFRs give software the ability to write to both UART0 and UART1 registers simultaneously
with the same write operation. The UAFRs also provide a means for the device’s performance
monitor to track the baud clock.
Table 12-17. UMSR Field Definitions
Bits Name
Description
0–2
—
Reserved
3
CTS
Clear to send. Represents the inverted value of the CTS input pin from the external peripheral device
0 Corresponding CTSn is negated
1 Corresponding CTSn is asserted. The MODEM or peripheral device is ready for data transfers.
4–6
—
Reserved
7
DCTS Delta clear to send
0 No change on the corresponding CTSn signal since the last read of UMSR[CTS]
1 The CTSn value has changed, since the last read of UMSR[CTS]. Causes an interrupt if UIER[EMSI]
is set to detect this condition
0
7
R
DATA
W
Reset
0x00
Offset
0x0_4507, 0x0_4607
Figure 12-13. Scratch Register (USCR)
Table 12-18. USCR Field Definitions
Bits
Name
Description
0–7
DATA
Data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com