Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 497 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 497 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 493Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 494Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 495Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 496Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 497Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 498Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 499Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 500Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 501Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 497 / 1302 page
background image
Memory Map/Register Definition
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
Freescale Semiconductor
12-19
Table 12-20 describes the fields of the UDSRs.
Table 12-20. UDSR Field Definitions
Bits
Name
Description
0–5
—
Reserved
6
TXRDY Transmitter ready. This read-only bit reflects the status of the transmitter FIFO or the UTHR. The status
depends on the DMA mode selected, which is determined by the DMS and FEN bits in the UFCR.
0 The bit is cleared, as shown in Table 12-22.
1 This bit is set, as shown in Table 12-21.
7
RXRDY Receiver ready. This read-only bit reflects the status of the receiver FIFO or URBR. The status depends
on the DMA mode selected, which is determined by the DMS and FEN bits in the UFCR.
0 The bit is cleared, as shown in Table 12-24.
1 This bit is set, as shown in Table 12-23.
Table 12-21. UDSR[TXRDY] Set Conditions
DMS FEN
DMA Mode
Meaning
0
0
0
TXRDY is set after the first character is loaded into the transmitter FIFO or UTHR.
01
0
10
0
1
1
1
TXRDY is set when the transmitter FIFO is full.
Table 12-22. UDSR[TXRDY] Cleared Conditions
DMS FEN
DMA Mode
Meaning
0
0
0
TXRDY is cleared when there are no characters in the transmitter FIFO or UTHR.
01
0
10
0
1
1
1
TXRDY is cleared when there are no characters in the transmitter FIFO or UTHR. TXRDY
remains clear when the transmitter FIFO is not yet full.
Table 12-23. UDSR[RXRDY] Set Conditions
DMS FEN
DMA Mode
Meaning
0
0
0
RXRDY is set when there are no characters in the receiver FIFO or URBR.
01
0
10
0
1
1
1
RXRDY is set when the trigger level has not been reached and there has been no time out.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com