Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 501 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 501 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 497Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 498Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 499Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 500Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 501Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 502Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 503Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 504Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 505Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 501 / 1302 page
background image
Functional Description
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
Freescale Semiconductor
12-23
register UMCR[RTS] is internally tied to the MODEM status register UMSR[CTS]. The
transmitter SOUT is set to a logic 1 and the receiver SIN is disconnected. The output of the
transmitter shift register is looped back into the receiver shift register input. The CTS (input signal)
is disconnected, RTS is internally connected to CTS, and the RTS (output signal) becomes
inactive. In this diagnostic mode, data that is transmitted is immediately received. In local
loop-back mode the transmit and receive data paths of the DUART can be verified. Note that in
local loop-back mode, the transmit/receive interrupts are fully operational and can be controlled
by the interrupt enable register (UIER).
12.4.4 Errors
The following sections describe framing, parity, and overrun errors which may occur while data is
transferred on the UART bus. Each of the error bits are usually cleared, as described below, when
the line status register (ULSR) is read.
12.4.4.1
Framing Error
When an invalid STOP bit is detected, a framing error occurs and ULSR[FE] is set. Note that only
the first STOP bit is checked. In FIFO mode, ULSR[FE] is set when the character at the top of the
FIFO detects a framing error. An attempt to re-synchronize occurs after a framing error. The
UART assumes that the framing error (due to a logic 0 being read when a logic 1 (STOP) was
expected) was due to a STOP bit overlapping with the next START bit. ULSR[FE] is cleared when
ULSR is read or when a new character is loaded into the URBR from the receiver shift register.
12.4.4.2
Parity Error
A parity error occurs, and ULSR[PE] is set, when unexpected parity values are encountered while
receiving data. In FIFO mode, ULSR[PE] is set when the character with the error is at the top of
the FIFO. ULSR[PE] is cleared when ULSR is read or when a new character is loaded into the
URBR.
12.4.4.3
Overrun Error
When a new (overwriting character) STOP bit is detected and the old character is lost, an overrun
error occurs and ULSR[OE] is set. In FIFO mode, ULSR[OE] is set after the receiver FIFO is full
(despite the receiver FIFO trigger level setting) and a new character has been received into the
internal receiver shift register. Data in the FIFO is not overwritten; only the shift register data is
overwritten. Therefore, the interrupt occurs immediately. ULSR[OE] is cleared when ULSR is
read.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com