Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 507 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 507 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 503Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 504Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 505Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 506Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 507Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 508Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 509Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 510Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 511Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 507 / 1302 page
background image
Introduction
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
Freescale Semiconductor
13-3
•
General-purpose chip-select machine (GPCM)
— Compatible with SRAM, EPROM, FEPROM, and peripherals
— Global (boot) chip-select available at system reset
— Boot chip-select support for 8-, 16-, 32-bit devices
— Minimum 3-clock access to external devices
— Four byte-write-enable signals (LWE[0:3])
— Output enable signal (LOE)
— External access termination signal (LGTA)
•
Three user-programmable machines (UPMs)
— Programmable-array-based machine controls external signal timing with a granularity
of up to one-quarter of an external bus clock period
— User-specified control-signal patterns run when an internal master requests a
single-beat or burst read or write access.
— UPM refresh timer runs a user-specified control signal pattern to support refresh
— User-specified control-signal patterns can be initiated by software
— Each UPM can be defined to support DRAM devices with depths of 64, 128, 256, and
512 Kbytes, and 1, 2, 4, 8, 16, 32, 64, 128, and 256 Mbytes
— Support for 8-, 16-, 32-bit devices
— Page mode support for successive transfers within a burst
— Internal address multiplexing supporting 64-, 128-, 256-, and 512-Kbyte, and 1-, 2-, 4-,
8-, 16-, 32-, 64-, 128-, and 256-Mbyte page banks
•
Optional monitoring of transfers between local bus internal masters and local bus slaves
(local bus error reporting)
•
Support for delay-locked loop (DLL) with software-configurable bypass for low frequency
bus clocks
13.1.3 Modes of Operation
The LBC provides one GPCM, one SDRAM machine, and three UPMs for the local bus, with no
restriction on how many of the eight banks (chip selects) can be programmed to operate with any
given machine. When a memory transaction is dispatched to the LBC, the memory address is
compared with the address information of each bank (chip select). The corresponding machine
assigned to that bank (GPCM, SDRAM, or UPM) then takes ownership of the external signals that
control the access and maintains control until the transaction ends. Thus, with the LBC in GPCM,
SDRAM, or UPM mode, only one of the eight chip selects is active at any time for the duration of
the transaction.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com