Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 511 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 511 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 507Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 508Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 509Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 510Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 511Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 512Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 513Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 514Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 515Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 511 / 1302 page
background image
External Signal Descriptions
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
Freescale Semiconductor
13-7
LSDCAS/
LGPL3
O SDRAM CAS/General-purpose line 3
State
Meaning
Asserted/Negated—In SDRAM mode, drives the column address strobe (CAS).
One of six general-purpose signals when in UPM mode, and drives a value programmed
in the UPM array.
LGTA/
LGPL4/
LUPWAIT/
LPBSE
I/O GPCM transfer acknowledge/General-purpose line 4/UPM wait/parity byte select
State
Meaning
Asserted/Negated—Input in GPCM mode used for transaction termination. It may also be
configured as one of six general-purpose output signals when in UPM mode or as an
input to force the UPM controller to wait for the memory/device.
When configured as LPBSE, it disables any use in GPCM or UPM modes. Because
systems that use read-modify-write parity require an additional memory device, they must
generate a byte-select like a normal data device. ANDing LBS[0:3] through external logic
to achieve the logical function of this byte-select adds a delay to the byte-select path that
can affect memory access timing. The LBC provides this optional byte-select pin that is
an internal AND of the four (active low) byte selects, allowing glueless, faster connection
to RMW-parity devices.
LGPL5
O General-purpose line 5
State
Meaning
Asserted/Negated—One of six general-purpose signals when in UPM mode, and drives a
value programmed in the UPM array.
LBCTL
O Data buffer control. The memory controller activates LBCTL for the local bus when a GPCM- or
UPM-controlled bank is accessed. Access to an SDRAM machine-controlled bank does not activate the
buffer control. Buffer control is disabled by setting ORn[BCTLD].
State
Meaning
Asserted/Negated—The LBCTL pin normally functions as a write/read control for a bus
transceiver connected to the LAD lines. Note that an external data buffer must not drive
the LAD lines in conflict with the LBC when LBCTL is high, because LBCTL remains high
after reset and during address phases.
LA[27:31]
O Local bus nonmultiplexed address lsbs. All bits driven on LA[27:31] are defined for 8-bit port sizes. For
32-bit port sizes, LA[30:31] are don’t cares; for 16-bit port sizes LA31 is a don’t care.
State
Meaning
Asserted/Negated—Although the LBC shares an address and data bus, up to five lsbs of the
RAM address always appear on the dedicated address pins, LA[27:31]. These may be
used, unlatched, in place of LAD[27:31] to connect the five lsbs of the address for address
phases. For some RAM devices, such as fast-page DRAM, LA[27:31] serve as the
column address offset during a burst access.
Table 13-2. Local Bus Controller Detailed Signal Descriptions (continued)
Signal
I/O
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com